Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 18Page - STMicroelectronics TS4956 Datasheet HTML 19Page - STMicroelectronics TS4956 Datasheet HTML 20Page - STMicroelectronics TS4956 Datasheet HTML 21Page - STMicroelectronics TS4956 Datasheet HTML 22Page - STMicroelectronics TS4956 Datasheet HTML 23Page - STMicroelectronics TS4956 Datasheet HTML 24Page - STMicroelectronics TS4956 Datasheet HTML 25Page - STMicroelectronics TS4956 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Electrical characteristics
TS4956
22/51
Figure 46.
Output power vs. load resistance
Figure 47.
Output power vs. load resistance
Figure 48.
Output power vs. load resistance
Figure 49.
Output power vs. load resistance
Figure 50.
Output power vs. load resistance
Figure 51.
Output power vs. load resistance
8
121620
242832
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
Mode 1, 2, 7
BTL, SPK out
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V
8
121620
242832
0
200
400
600
800
1000
1200
1400
1600
Mode 1, 2, 7
BTL, SPK out
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V
16
20
24
28
32
36
40
44
48
52
56
60
64
0
10
20
30
40
50
60
70
Mode 3, 4
LHP, RHP
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V
16
20
24
28
32
36
40
44
48
52
56
60
64
0
10
20
30
40
50
60
70
80
90
Mode 3, 4
LHP, RHP
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V
16
24
32
40
48
56
64
0
20
40
60
80
100
120
140
160
180
200
Mode 5, 6
MLO
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V
16
24
32
40
48
56
64
0
50
100
150
200
250
300
Mode 5, 6
MLO
F = 1kHz
BW < 125 kHz
Tamb = 25
°C
Vcc=3.3V
Vcc=2.7V
Vcc=5.5V
Load resistance (
Ω)
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com