Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics TS4956 Datasheet HTML 46Page - STMicroelectronics TS4956 Datasheet HTML 47Page - STMicroelectronics TS4956 Datasheet HTML 48Page - STMicroelectronics TS4956 Datasheet HTML 49Page - STMicroelectronics TS4956 Datasheet HTML 50Page - STMicroelectronics TS4956 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
TS4956
Package mechanical data
48/51
Figure 137. Tape & reel schematic (top view)
Device orientation
The devices are oriented in the carrier pocket with pin number 1A adjacent to the sprocket
holes.
Figure 135. Pin out (top view)
Figure 136. Marking (top view)
1
5
4
3
2
7
6
AE
D
C
B
RIN
RHP
MLO
LHP
MIN
VCC
SDA
LIN
VCC
GND
I2CVCC
MIP
SRP
SRN
SCL
GND
BYPASS
PGH
1
5
4
3
2
7
6
AE
D
C
B
RIN
LHP-
MLO
RHP+
MIN
VCC
SDA
LIN
VCC
GND
I2CVCC
MIP
SRP+
SRN-
SCL
GND
BYPASS
PGH
1
5
4
3
2
7
6
AE
D
C
B
RIN
RHP
MLO
LHP
MIN
VCC
SDA
LIN
VCC
GND
I2CVCC
MIP
SRP
SRN
SCL
GND
BYPASS
PGH
1
5
4
3
2
7
6
AE
D
C
B
RIN
LHP-
1
5
4
3
2
7
6
AE
D
C
B
RIN
RHP
MLO
LHP
MIN
VCC
SDA
LIN
VCC
GND
I2CVCC
MIP
SRP
SRN
SCL
GND
BYPASS
PGH
1
5
4
3
2
7
6
AE
D
C
B
RIN
LHP-
MLO
RHP+
MIN
VCC
SDA
LIN
VCC
GND
I2CVCC
MIP
SRP+
SRN-
SCL
GND
BYPASS
PGH
Markings are:
– ST logo
– First two letters give part number code:56
– Third letter gives assembly plant code: X
– Three digit date code: YWW
– Lead-free EcoPack symbol: E
– The dot marks pin A1
56 X
YWW
E
56 X
YWW
E
User direction of feed
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
User direction of feed
A
1
A
1
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
User direction of feed
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm
User direction of feed
A
1
A
1
A
1
A
1
8
Die size X + 70µm
4
1.5
4
All dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com