Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 39Page - STMicroelectronics TS4956 Datasheet HTML 40Page - STMicroelectronics TS4956 Datasheet HTML 41Page - STMicroelectronics TS4956 Datasheet HTML 42Page - STMicroelectronics TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics TS4956 Datasheet HTML 46Page - STMicroelectronics TS4956 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
TS4956
Application information
43/51
4.6
Decoupling of the circuit
Two capacitors are needed to properly bypass the TS4956 — a power supply capacitor Cs
and a bias voltage bypass capacitor Cb.
Cs has a strong influence on the THD+N at high frequencies (above 7 kHz) and indirectly on
the power supply disturbances.
With a Cs value of about 1 µF, you can expect to obtain THD+N performances similar to
those shown in the datasheet.
If Cs is lower than 1 µF, THD+N increases in high frequency and disturbances on power
supply rail are less filtered.
On the contrary, if Cs is higher than 1 µF, disturbances on the power supply rail are more
filtered.
Cb has an influence on THD+N at lower frequencies, but its value has critical impact on the
final result of PSRR with inputs grounded at lower frequencies:
If Cb is lower than 1 µF, THD+N increases at lower frequencies and the PSRR
worsens upwards.
If Cb is higher than 1 µF, the benefit on THD+N and PSRR in the lower
frequency range is small.
The value of Cb also has an influence on startup time.
4.7
Power On Reset
When power is applied to VCC, an internal Power On Reset holds the TS4956 in a reset
state (shutdown) until the supply voltage reaches its nominal value. The Power On Reset
has a typical threshold of 1.75 V.
During this reset state the output configuration is the same as in the shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com