Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4956 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TS4956
Description  Stereo audio amplifier system with I2C bus interface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4956 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TS4956 Datasheet HTML 43Page - STMicroelectronics TS4956 Datasheet HTML 44Page - STMicroelectronics TS4956 Datasheet HTML 45Page - STMicroelectronics TS4956 Datasheet HTML 46Page - STMicroelectronics TS4956 Datasheet HTML 47Page - STMicroelectronics TS4956 Datasheet HTML 48Page - STMicroelectronics TS4956 Datasheet HTML 49Page - STMicroelectronics TS4956 Datasheet HTML 50Page - STMicroelectronics TS4956 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
TS4956
Package mechanical data
49/51
5.2
Daisy chain sample
The daisy chain sample features pins connected two by two. The schematic in
Figure 138
illustrates the way that the pins are connected to each other. This sample is used for testing
continuity on board. Your PCB needs to be designed the opposite way, so that pins that are
unconnected in the daisy chain sample, are connected on your PCB. If you do this, by
simply connecting a Ohmmeter between pin A1 and pin A3, the soldering process continuity
can be tested.
Figure 138. Top view of daisy chain sample
Table 14.
Order code for daisy chain sample
Part Number
Temperature Range
Package
Marking
TSDC02JT
-40, +85
°C
Flip-Chip18
DC2
2.5 mm
2.2 mm
AE
D
C
B
1
5
4
3
2
7
6
2.5 mm
2.2 mm
AE
D
C
B
1
5
4
3
2
7
6
AE
D
C
B
1
5
4
3
2
7
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com