Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4539AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Function
WL-CSP-20B
1.71x2.371 (BSC) WQFN-24L 4x4
A1, B1
1, 2
LX
Switch node of boost converter.
A2, B2
3, 4
PGND
Power ground.
A3
5
SDA
Data signal input of I2C interface.
A4
6
SCL
Clock signal input of I2C interface.
B3
9
PWM
PWM dimming control input.
B4
7
EN
Enable control input (Active High).
C1
22
VIN
Device power supply input.
C2
20
VOUT
Output of boost converter.
C3, D2
--
NC
Not connected.
C4
12
FB3
Current sink for LED3.
D1
19
VCP
Internal LDO output pin. Connect a capacitor (Ccp) between
this pin and the ground reference.
D3
10, 11, 15, 24 GND
Ground.
D4
13
FB2
Current sink for LED2.
E1
18
FB6
Current sink for LED6.
E2
17
FB5
Current sink for LED5.
E3
16
FB4
Current sink for LED4.
E4
14
FB1
Current sink for LED1.
--
8, 21, 23
NC1 to NC3 Not connected.
--
25
(Exposed pad) AGND
Analog ground. The exposed pad must be soldered to a
large PCB and connect to AGND for maximum power
di i ti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com