Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
23
This equation is valid for I2C brightness codes between 1 and 2047. If Code is 0, the brightness will be disabled.
When address 0x07h is set B01 and linear mode is selected by address 0x03h, the I2C interface will transfer
code-to-current response with 12-bit resolution and target ILED is approximated by following equation:
ILED = 6.105uA×I2C code
(forcodes≥0) @ILEDmax=25mA
This equation is valid for I2C brightness codes between 0 and 4095. If Code is 0, the brightness will be disabled.
Slope Time
ILED_t1
ILED_t0
t1
t0
1. At time t0, the I2C Brightness code changes from 0x400 (1024d) to 0xFFF (4095d)
2. Mapping mode is set to linear
3. ILED_t0=6.105uA x 1024 =6.25mA
4. ILED_t1=6.105uA x 4095 =25.0mA
Figure 7.
LED Current with Advanced Brightness Control Selection “10”
When address 0x07h is set to B10, this mode is only for DC mode and linear mapping.
The target brightness code will be multiplied with the PWM duty cycle and I2C code. Moreover, resolution can
support up to 12 bits.
The target ILED is approximated by the following equation :
ILED = 6.105uA×I^2 C code×4095×PWM duty (for codes≥0 & PWM duty≠0% And 100%) @ILEDmax = 25mA
(Note 7)
Slope Time
ILED_t1
ILED_t0
t1
t0
1. At time t0, the I2C Brightness code changes from 0x400 (1024d) to 0xFFF (4095d)
2. At time t0 the PWM duty cycle change from 40% to 80%
3. Mapping mode is set to linear with DC mode
4. ILED_t0=6.105uA x 1024 x 0.4 =2.5mA
5. ILED_t1=6.105uA x 4095 x 0.8 =20.0mA
Figure 8
The following table is the critical condition for PWM Cycle setting. When PWM Duty = 0% or PWM Duty = 100%,
ILED will not consider I2C Code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com