Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
22
Advanced Brightness Control
Dimming control is received either from PWM input pin or from I2C interface. Through I2C interface, both of 0x04h
and 0x05h are used to control brightness. Moreover, the 8-bits in address 0x05h register (LSB) along the 4-bits
defined in address 0x04h register (MSB) allow LED brightness to be set in 12-bit fine steps.
More setting details are shown in Table 9.
Table 9. Advanced Brightness Control
Address Bit
Name
Default Value
Description
R/W
07h
[1:
0]
Advanced
Brightness Control
External PWM
signal
(B00)
B00: External PWM signal
B01: I2C brightness register (04h, 05h)
B10: External PWM signal multiplied with I2C
brightness register (04h, 05h)
R/W
The dimming mode can be programmed by address 0x00h register but the exponential function is valid for DC mode
only. If users select PWM mode, the PWM and/or I2C interface will directly control the LED current. In the following
section, we will describe how to set address 0x07h by DC mode only.
LED Current with Advanced Brightness Control Selection “00”
LED brightness mapping can be selected to be either linear or exponential (DC mode only) by address 0x03h [7].
When address 0x07h is set to B00 and exponential mode is selected by address 0x03h, the PWM duty will transfer
cycle-to-current response with 11-bit resolution and target ILED is approximated by the following equation:
ILED=50μA×1.00304 2047×PWM duty
(forPWMduty≠0)@ILEDmax=25mA
It is valid for PWM duty cycles within 0~100%. If duty cycle is 0, the brightness will be disabled.
When address 0x07h is set to B00 and linear mode is selected by address 0x03h, the PWM duty will transfer
cycle-to-current response with 12-bit resolution and target ILED is approximated by the following equation :
ILED=6.105uA×4095×PWM duty
(forPWMduty≥0) @ILEDmax=25mA
It is valid for PWM duty cycles within 0~100%. If duty cycle is 0, the brightness will be disabled.
Slope Time
ILED_t1
ILED_t0
t1
t0
1. At time t0, the PWM duty cycle changes from 40% to 80%
2. Mapping mode is set to linear with DC mode
3. ILED_t0=25mA x 40%=10mA
4. ILED_t1=25mA x 80%=20mA
Figure 6.
LED Current with Advanced Brightness Control Selection “01”
LED brightness mapping can be selected to be either linear or exponential (DC mode only) by address 0x03h [7].
When address 0x07h is set to B01 and exponential mode is selected by address 0x03h, the I2C interface will
transfer code-to-current response with 11-bit resolution and target ILED is approximated by the following equation :
ILED = 50uA×1.00304I
2C code
(forcodes>0) @ILEDmax=25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com