Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
8
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
LED Current Accuracy
IFB_ACC_100 PWM Duty = 100%, IFBx = 20mA,
PWM frequency = 1kHz
−
3
--
3
%
IFB_ACC_5
PWM Duty = 5%, IFBx = 20mA,
PWM frequency = 1kHz
−
5
--
5
IFB_ACC_1
PWM Duty = 1%, IFBx = 20mA,
PWM frequency = 1kHz
−
15
--
15
LED Current Matching
IFB_MAT_100 PWM Duty = 100%, IFBx = 20mA,
PWM frequency = 1kHz
−
2
--
2
%
IFB_MAT_5
PWM Duty = 5%, IFBx = 20mA,
PWM frequency = 1kHz
−5
--
5
IFB_MAT_1
PWM Duty = 1%, IFBx = 20mA,
PWM frequency = 1kHz
−
10
--
10
DC Dimming Resolution
Sres_2k
PWM Freq < 2kHz, 0x07h[1:
0]=B00, 0x00h[2: 0]=B100.
--
4095
--
Steps
Sres_4k
PWM Freq = 2k to 4kHz, 0x07h[1:
0]=B00, 0x00h[2: 0]=B100.
--
2048
--
Steps
Sres_8k
PWM Freq = 4k to 8kHz, 0x07h[1:
0] = B00, 0x00h[2: 0] = B100.
--
1024
--
Steps
Sres_20k
PWM Freq = 8k to 20kHz, 0x07h[1:
0]=B00, 0x00h[2: 0] = B100
--
512
--
Steps
Light Bar Open Threshold
VFB_OPEN
0.01
0.1
0.34
V
Light Bar Short Threshold
VLED_SHORT
3.9
5.6
7.3
V
PWM Minimum On Time
DPWM_MIN
PWM dimming frequency = 20kHz
--
400
--
ns
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2. θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard. θJC is measured
at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precautions are recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. VIN voltage has to rise 2.8V level, I2C can write to MTP.
Note 6. Operating conditions are recommended to be less than the maximum duty cycle
If dimming control selected PWM mode or PWM-26KHz mode, the conversion ratio is recommended to be less than
0.75, as following equation: (1-(Vin/Vout)) < 0.75.
Note 7. Operating conditions is recommended to be less than OCP level * 90%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com