Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 32Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 33Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 34Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 35Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
32
Boost Inductor Selection
The value of the inductance, L, can be approximated by
the following equation, where the transition is from
Discontinuous Conduction Mode (DCM) to Continuous
Conduction Mode (CCM):
2
OUT
OSC
OUT
D (1 D) V
L
2f
I
× −
×
=
××
The duty cycle, D, can be calculated by the following
equation :
OUT
IN
OUT
VV
D
V
−
=
Where VOUT is the maximum output voltage, VIN is the
minimum input voltage, fOSC is the operating frequency,
and IOUT is the sum of current from all LED strings. The
boost converter operates in DCM over the entire input
voltage range when the inductor value is less than this
value, L. With an inductance greater than L, the
converter operates in CCM at the minimum input
voltage and may be discontinuous at higher voltages.
The inductor must be selected with a saturated current
rating that is greater than the peak current as provided
by the following equation :
OUT
OUT
IN
OSC
PEAK
IN
V
I
V
DT
I
V
2L
η
×
××
=
+
××
where η is the efficiency of the power converter.
Boost Diode Selection
The Schottky diode is a good choice for any
asynchronous boost converter with its small forward
voltage. However, when selecting a Schottky diode,
important parameters such as power dissipation,
reverse voltage rating, and pulsating peak current must
all be taken into consideration. A suitable Schottky
diode's reverse voltage rating must be greater than the
maximum output voltage, and its average current rating
must exceed the average output current.
Boost Output Capacitor Selection
Output ripple voltage is an important index for
estimating the performance. This portion consists of
two parts, one is the product of IIN and ESR of output
capacitor, the other part is formed by charging and
discharging process of output capacitor. As shown in
Figure 11, ΔVOUT1 can be evaluated based on the ideal
energy equalization. According to the definition of Q,
the Q value can be calculated by the following
equation :
IN
L
OUT
IN
L
OUT
IN
OUT
OUT1
OUT
OSC
11
1
Q
I
II
I
II
22
2
V1
CV
Vf
 
= ×
− ∆−
+
− ∆−
 
 
×
×
=
×∆
where fOSC is the switching frequency and ΔIL is the
inductor ripple current. Move COUT to the left side to
estimate the value of ΔVOUT1 by the following
equation :
OUT
OUT1
OUT
OSC
DI
V
Cf
η
×
∆=
×
×
Where D is the duty cycle and η is the boost
converter efficiency. Finally, taking ESR into
account, the overall output ripple voltage can be
determined by the following equation :
OUT
OUT
ESR
OUT
OSC
DI
VV
Cf
η
×
∆
= ∆=
×
×
Where ∆VESR = ∆IC x RESR = IPEAK x RESR
Time
Time
Inductor Current
Output Current
Output Ripple
Voltage (ac)
(1-D)TS
Δ
VOUT1
Δ
IL
Input Current
Figure 11. The output ripple voltage without the
contribution of ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com