Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
6
Absolute Maximum Ratings (Note 1)
Supply Voltage, VIN to GND --------------------------------------------------------------------------------------- −0.3V to 26.4V
LX, VOUT, FB1, FB2, FB3, FB4, FB5, FB6 to GND -------------------------------------------------------- −0.3V to 42V
EN, PWM, SDA, SCL, VCP to GND ----------------------------------------------------------------------------- −0.3V to 6V
Power Dissipation, PD @ TA = 25°C
WL-CSP-20B 1.71x2.371 (BSC)----------------------------------------------------------------------------------- 3.02W
WQFN-24L 4x4 -------------------------------------------------------------------------------------------------------- 3.57W
Package Thermal Resistance
(Note 2)
WL-CSP-20B 1.71x2.371 (BSC), θJA----------------------------------------------------------------------------- 33.1°C/W
WQFN-24L 4x4, θJA -------------------------------------------------------------------------------------------------- 28°C/W
WQFN-24L 4x4, θJC -------------------------------------------------------------------------------------------------- 7.1°C/W
Lead Temperature (Soldering, 10 sec.)-------------------------------------------------------------------------- 260°C
Junction Temperature ------------------------------------------------------------------------------------------------ 150°C
Storage Temperature Range --------------------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------ 2kV
Recommended Operating Conditions (Note 4)
Ambient Temperature Range -------------------------------------------------------------------------------------- −40°C to 85°C
Junction Temperature Range -------------------------------------------------------------------------------------- −40°C to 125°C
Electrical Characteristics
(VIN = 3.8V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Input Power Supply
Input Supply Voltage
VIN
2.7
3.8
24
V
Quiescent Current
IQ
LX no switching, PWM duty = 0%
1.5
2.4
3.7
mA
Shutdown Current
ISHDN
VIN = 3.8V, EN = 0V
--
--
10
µ
A
Under-Voltage Lockout
Threshold
VUVLO
VIN rising
1.88
2.3
2.72
V
Under-Voltage Lockout
Hysteresis
∆
VUVLO
50
200
470
mV
Over-Temperature Protection
Threshold
TOTP
--
150
--
°
C
Over-Temperature Protection
Hysteresis
TOTP_HYS
--
30
--
°
C
Internal LDO Voltage
VCP
No load
3.1
3.4
3.7
V
Interface Characteristic
EN, PWM,
SCL, SDA
Input Voltage
Logic-High
VIH
1.2
--
--
V
Logic-Low
VIL
--
--
0.6
V
Internal pull low resistor for
EN, PWM
RPULL_LOW
0.5
1.3
2
MΩ
Internal Pull-Low Current for
SCL, SDA
IIH_2
--
0.01
1
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com