Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
25
Figure 10. LED Current (Dimming Down) vs. Fade Out Time
Normal Slope and Advanced Slope
Transition time between two brightness value can be controlled linearly by address 06h[5: 3] from 0 to 1024ms.
Same slope time is used for sloping up and down. With advanced slope, the brightness changes can be made more
smoothing to a human eye.
Table 12. Slope Time Control
Address Bit
Name
Default Value
Description
R/W
06h
[5:
3]
Slope Time Control
512ms
(B101)
B000: 0ms
B001: 1ms
B010: 8ms
B011: 128ms
B100: 256ms
B101: 512ms
B110: 768ms
B111: 1024ms
R/W
[7:
6]
Filter
medium
smoothing
(B10)
B00: No Filter (exponential)
B01: light smoothing
B10: medium smoothing
B11: heavy smoothing
R/W
Fade Out Time (Dimming Down)
49.95
50.00
50.05
50.10
50.15
50.20
50.25
0.0
0.5
1.0
1.5
2.0
2.5
Time (μs)
Brightness
(PWM)
Time
Brightness
(PWM)
Time
Slope Time
Light Smoothing
Medium Smoothing
Heavy Smoothing
Slope Input
PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com