Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
9
Typical Application Circuit
FB1
FB2
FB3
VIN
VOUT
FB4
L1
D1
RT4539A
:
:
:
:
:
:
:
:
:
:
:
:
COUT1
LX
AGND
:
:
:
:
:
:
FB5
FB6
PGND
C1
EN
SCL
SDA
MCU
VIN
CIN
PWM
R1
1, 2
3, 4
5
6
9
7
22
20
12
CCP
VCP
19
10,11
13
18
17
16
14
COUT2
Timing Diagram
I2C Interface
S
tHD, STA
tSU, DAT
tLOW
tf
tr
tHIGH
tSU, STO
tBUF
P
S
SDA
SCL
tHD, DAT
VIL (MAX)
VIH (MIN)
VIL (MAX)
VIH (MIN)
RT4539A I2C slave address = 7'b0111_100. The I2C interface supports fast mode (bit rate up to 400kb/s). The
write or read bit stream (N ≥ 1) is shown below :
S
0
1
A P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes from RT4539
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes to RT4539
Driven by Master,
Driven by Slave (RT4539),
Start,
Repeat Start
Stop, S
Sr
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com