Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4539AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
2
Ordering Information
RT4539A
Package Type
WSC : WL-CSP-20B 1.71x2.371 (BSC)
RT4539A
Package Type
QW : WQFN-24L 4x4 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering
processes.
Marking Information
9V : Product Code
W : Date Code
9VW
RT4539AWSC
HL=YM
DNN
HL= : Product Code
YMDNN : Date Code
RT4539AGQW
Pin Configuration
(TOP VIEW)
SCL
SDA
LX
PGND
LX
EN
PGND PWM
VOUT
VIN
FB3
NC
VCP
NC
FB2
GND
FB6
FB5
FB1
FB4
E1
C1
B1
A1
E2
D2
C2
B2
A2
E3
D3
C3
B3
A3
E4
D4
C4
B4
A4
D1
WL-CSP-20B 1.71x2.371 (BSC)
LX
LX
PGND
PGND
SDA
SCL
FB6
FB5
GND
FB1
FB2
FB4
AGND
1
2
3
4
5
6
7
8
9
10
12
11
18
17
16
15
14
13
21
20
19
24
22
23
25
WQFN-24L 4x4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com