Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
7
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Output Low Level for SDA
VOL
External pull high current = 3mA
--
0.3
0.5
V
Output Leakage Current for
SDA
ILK_DIO
SDA pin voltage = 3.3V
--
--
1
µ
A
I2C Interface Timing
Maximum I2C Clock
Frequency
fSC_MAX
1
--
400
kHz
Hold Time for START And
Repeated START Condition
tHD,STA
0.6
--
--
µ
s
SCL Clock Low Time
tLOW
1.3
--
--
µ
s
SCL Clock High Time
tHIGH
0.6
--
--
µ
s
Setup Time for A Repeated
START Condition
tSU,STA
0.6
--
--
µ
s
SDA Data Hold Time
tHD,DAT
0
--
900
ns
SDA Data Setup Time
tSU,DAT
100
--
--
ns
Rising Time of SDA, SCL
tR
20
--
300
ns
Falling Time of SDA, SCL
tF
20
--
300
ns
Setup Time for STOP
Condition
tSU,STO
0.6
--
--
µ
s
I2C Bus Free Time Between a
STOP and a START
tBUF
1.3
--
-
µ
s
Capacitive Load for I2C Bus
CB
--
--
400
pF
Boost Converter
Switching Frequency
Accuracy
fSW_ACC
Boost operates at PWM mode, fSW
= 600kHz
−
10
--
10
%
Switching Frequency Setting
Range
fSW_RG
Boost operates at PWM mode
default = 600KHz@0x07h
0.3
--
1.6
MHz
Maximum Duty Cycle
DMAX_300kHz
to 1MHz
fSW = 300kHz to 1MHz
(Note 6)
85
90
95
%
DMAX_1.22MH
z to 1.6MHz
fSW = 1.22MHz to 1.6MHz
(Note 6)
90
95
99
Boost Switch RDS(ON)
RDS(ON)
0.07
0.25
0.29
Ω
Switching Current Limitation
IOCP
(Note 7)
2
2.5
3
A
Boost Minimum ON Time
tMON
10
100
300
ns
VOUT Over-Voltage
Protection
VOVP
Register address = ”0Ah”, 5 bits
Step = 1V, default = 39V, COUT =
4.7µF
--
39
--
V
LED Current
Leakage Current of FBx
ILK_FB
VFBx = 39V, IFBx = 0mA
--
--
2
µ
A
Minimum FBx Regulation
Voltage
VFB(MIN)
IFBx = 20mA
* 97%
0.35
--
--
V
Maximum LED Current Setting IFB(MAX)
LED 100% setting, register address
= ”02h”, Step = 0.12mA
10.04
--
35
mA
Minimum LED Current Setting IFB(MIN)
Setting By Dimming, IFBx = 20mA
0.2
--
--
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com