Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4539AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
5
Operation
Enable Control
When VIN is higher than the UVLO voltage and the EN
pin input voltage is higher than rising threshold, the
VCP will be regulated around 3.4V if VIN is higher than
3.4V.
Switching Frequency
The boost converter switching frequency is adjusted by
the I2C interface. The switching frequency range is
from 300kHz to 1.6MHz.
PWM Controller
This controller can control LX N-MOSFET on/off
according to error amplifier signal. This block controls
the minimum on- time and max duty of LX. The
RT4539A PWM controller is a current mode Boost
converter integrated with a 250mΩ, 39V power switch
and can cover a wide VIN range from 2.7V to 24V and
contains I2C interface.
OCP
When LX N-MOSFET peak current is higher than 2.5A
(typically), the LX N-MOSFET is turned off immediately
and resumes again at next clock pulse.
OTP
The RT4539A equips an Over Temperature Protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP will shut down switching
operation when junction temperature exceeds 150°C.
Once the junction temperature cools down by
approximately 30°C, the boost converter will resume
operation. To maintain continuous operation maximum,
the junction temperature should be prevented from
rising above 125°C.
OVP
The RT4539A integrates over-voltage protection. The
over-voltage protection could be set by the I2C, When
the OVP pin voltage is higher than 40V, the LX
N-MOSFET is turned off immediately to protect the LX
N-MOSFET.
Minimum LED Selection
This block detects all LEDx voltage and selects a
minimum voltage to EA (Error Amplifier). This function
can guarantee that the lowest voltage of the LED pin is
around 400mV and VOUT can be boosted to the highest
forward voltage of LED strings.
LED Open Detection
If the voltage at LEDx pin is lower than 100mV, this
channel is defined as open channel and the Minimum
LED Selection function will discard it to regulate other
used channels in proper voltage.
LED String Short Detection
If CHx pin voltages exceed the threshold of
approximately 5.6V during normal operation, the
channels will be turned off and it can be reset by EN or
VIN UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com