Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
21
Table 8. Brightness Register
Address Bit
Name
Default Value
Description
R/W
03h
[2:
0]
Bit Selection
12bit
(B100)
Brightness Control by I2C Register
B000: 8bit (both linear and exponential)
B001: 9bit (both linear and exponential)
B010: 10bit (both linear and exponential)
B011: 11bit (both linear and exponential)
B100: 12bit (Linear only)
R/W
[7]
ILED Mapping
Mode
Linear
(B0)
B0: Linear
B1: Exponential (DC Mode only)
R/W
04h
[3:
0]
ILED Brightness
MSB Register
0%
(0x00h)
If 03h[2: 0] bit selection is 9bit~12bit,
04h & 05h series write is needed and then ILED
brightness changes
R/W
05h
[7:
0]
ILED Brightness
LSB Register
0%
(0x00h)
0x00h: 0%
0xFFh: 100%
R/W
ILED Brightness Exponential Mapping
The RT4539A embeds an advanced exponential transition function during brightness change to make it more
pleasing to a human eye. The exponential calculation follows the equation below and the and resolution is up to 11
bits.
ILED=ILEDmin×K BRT Code
(forcodes>0&Code0disablesthebacklight)
Where K=1.00304
The exponential function uses different input signal types to calculate target ILED and can be programmed with
advanced brightness control register. More setting details are shown in Table 12.
The exponential function is valid for DC mode only and an example is described in the following Figure.
)
1
( +
D
LED
I
)
(D
LED
I
K
I
I
D
LED
D
LED
×
=
+
)
(
)
1
(
Bit
ILEDmin ILEDmax
K
11
20uA
10mA
1.00304
11
50uA
25mA
11
70uA
35mA
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com