Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
16
PWM Mode
The ON/OFF of the current source is synchronized to the PWM signal. The frequency of LED current is equal to the
PWM input signal.
0
time
PWMI
time
ILED
ILED Max
PWMO
Duty
Figure 1. PWM Dimming
DC Mode
The LED current will have two-cycle delay in this mode, while the delay cycles are for average current calculation.
time
0
time
PWMI
ILED
ILED Max
50%
25%
75%
25%
75%
50%
50%
10%
Figure 2. DC Dimming
Mixed Mode
The ILED will delay for two periods to response. The First cycle delay is required for period, while the second cycle
delay is for the duty rate calculation.
When 25% ≤ PWM duty ≤ 100%, the current source outputs are DC dimming, and the PWM duty cycle modulates
the amplitude of the currents in 100% dimming.
PWM duty < 25%, the DC dimming will translate to PWM dimming, controlling the PWM duty instead by
amplitude. The LED current is fixed on quarter of LED current setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com