Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
17
time
PWMI
time
ILED
ILED
Max
0
50%
25%
75%
25%
75%
50%
50%
10%
Figure 3. Mixed Mode Dimming
*During DC / Mix Mode dimming, the behavior of PWM Duty 100% and 0% ILED are shown in the following
Figure.
PWM
ILED
DAC
When PWM changes from Low to High the
internal counter will restart 20ms counting
20ms
LED current changes from
0mA to 100% ILED setting.
00
FFF
PWM keeps high 20ms, DAC
code changes to 1FFh.
00
20ms
Figure 4. Duty 100% and Duty 0% ILED behavior.
Switching Frequency and LX Slew Rate Control
In order to improve EMI performance, the boost converter embeds switching frequency, spread spectrum and LX
edge rate control feature, and these functions are programmable by the I2C interface. The more detailed settings
are shown in Table 3 and Table 4.
Table 3. Switching Frequency and LX Slew Rate Setting
Address
Bit
Name
Default Value
Description
R/W
00h
[6: 5] LX Edge Rate Control
200% (B11)
B00: 25%
B01: 50%
B10: 100%
B11: 200%
R/W
[7]
Spread Spectrum
w/o (B0)
B0: w/o
B1: w/i
R/W
01h
[3: 0]
Boost Switching
Frequency
600kHz
(0x07h)
0x00h ~ 0x04h: 300kHz
0x0Fh: 1600kHz
(Table)
R/W
If the switching frequency command is below to register 0x01, the switching frequency is from 300kHz to 1.6MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com