Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
24
Table 10
I2C Code
PWMI Duty (%)
ILED current
Don't care
0
0%
I2C code
1
6.105uA×I2C code×4095×PWM duty
I2C code
50
I2C code
99
Don't care
100
100%
Fade IN / OUT Time Control
The fade in / out time control can be set by the I2C interface. More setting details are shown in Table 11.
Table 11. Fade In / Out Time Control
Address Bit
Name
Default Value
Description
R/W
06h
[2:
0]
Fade IN / OUT Time
Control
0.5µs
(B000)
DC mode fade time control
B000: 0.5µs
B001: 1µs
B010: 2µs
B011: 4µs
B100: 8µs
B101: 16µs
B110: 32µs
B111: 64µs
R/W
Fade in / out time can be controlled by address 06h [2: 0]. There are eight brightness times that adjust range from
0.5µs to 64µs. When the fade in/out command is B000, the brightness time of per step will be at 0.5µs. This function
can guarantee the highest of fade in/out time is 64µs. Figure 9 shows the fade in time at 10-bit resolution. Figure
10 shows the fade out time at 10-bit resolution.
Figure 9. LED Current (Dimming Up) vs. Fade In Time
Fade In Time (Dimming Up)
49.95
50.00
50.05
50.10
50.15
50.20
50.25
0.0
0.5
1.0
1.5
2.0
2.5
Time (μs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com