Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
10
Typical Operating Characteristics
Efficiency
40
50
60
70
80
90
100
0
10 20
30
40
50 60
70
80 90 100
PWM Duty (%)
VIN = 3.8V
VIN = 5V
VIN = 12V
ILEDx Current vs. Input Voltage
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
2
4
6
8
10 12 14 16 18 20 22 24
Input Voltage (V)
Set ILEDx Max. current = 20mA,
Loading = 6p9s, SW = 600kHz
Boost OVP Voltage vs. Code
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
Code (LSB)
SW = 600kHz
VCP Voltage vs. Temperature
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
-40
0
40
80
120
Temperature (°C)
SW Frequency vs. DAC Code
0
200
400
600
800
1000
1200
1400
1600
1800
0
2
4
6
8
10
12
14
16
DAC Code (LSB)
Boost SW Frequency vs. Input Voltage
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
SW = 1600kHz
SW = 600kHz
SW = 1000kHz
SW = 300kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com