Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4539AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
1
39V High Efficiency Boost Converter with I2C Controlled
6-CH LED Driver
General Description
The RT4539A is a high efficiency driver for white LEDs.
It is suitable for single/two cell battery input to drive
LED light bars which contains six strings in parallel.
The internal current sinks support a maximum of ±2%
current mismatching for excellent brightness uniformity
in each string of LEDs. To provide enough headroom
for current sink operation, the Boost converter monitors
the minimum voltage of the feedback pins and
regulates an optimized output voltage for power
efficiency.
The RT4539A has a wide input voltage operating range
from 2.7V to 24V and contains I2C interface for
controlling the dimming mode, operating frequency and
the LED current. The internal 250mΩ, 39V power
switch with current-mode control provides over-current
protection. The switching frequency of the RT4539A is
adjustable from 300kHz to 1.6MHz, which allows
flexibility between efficiency and component size.
The RT4539A are available in the WL-CSP-20B
1.71x2.371 (BSC) and WQFN-24L 4x4 packages.
Applications
TabletandNotebook Backlight
Features
Wide Operating Input Voltage: 2.7V to 24V
High Output Voltage: Up to39V
Programmable Channel Current: 10.04mA to
35mA
Channel Current Regulation with Accuracy ±3%
and Matching ±2%
DimmingControls
Direct PWM Dimming up to 20kHz and
Minimum On-Time to 400ns
PWM to Analog Dimming up to 20kHz with
9-bit Resolution
PWM
Pin
and/or
I2C-Controlled
with
Programmable
Linear@12
bits
or
Exponential@11 bits Brightness Control
Digitally Advanced Sloping for Smooth
Dimming
Adjustable Dimming Mode Control.
Adjustable Advanced Brightness Control.
Adjustable Switching Frequency of Boost
Converter from 300kHz to 1.6MHz.
PFM function for High Efficiency at Light Load
Programmable Spread Spectrum Scheme and
Edge Rate Control Minimize Switching Noise
and Improve EMI Performance
Protections
LED Strings Open Detection
LED Strings Short Protection
Programmable Current Limit of Boost.
Programmable Over-Voltage Protection Level
Over-Temperature Protection
Integrated Memory by MTP
20-Ball WL-CSP, with pitch 0.4mm and 24-Lead
WQFN Packages
Simplified Application Circuit
FB1
FB2
FB3
VIN
VOUT
FB4
L1
D1
RT4539A
:
:
:
:
:
:
:
:
:
:
:
:
COUT1
LX
GND
:
:
:
:
:
:
FB5
FB6
PGND
C1
EN
SCL
SDA
MCU
VIN
CIN
PWM
R1
CCP
VCP
COUT2


Similar Part No. - RT4539AWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4531WSC RICHTEK-RT4531WSC Datasheet
195Kb / 14P
Dual Channel 10s2p WLED Drivers
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
RT4532WSC RICHTEK-RT4532WSC Datasheet
204Kb / 12P
High Efficiency Backlight LED Driver
More results

Similar Description - RT4539AWSC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238 Datasheet
279Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Semtech Corporation
SC4505 SEMTECH-SC4505 Datasheet
368Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Semtech Corporation
SC4505 SEMTECH-SC4505_07 Datasheet
369Kb / 15P
High Efficiency Boost Converter for Backlight/Flash LED Driver
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
CAT4238 ONSEMI-CAT4238_16 Datasheet
133Kb / 12P
High Efficiency 10 LED Boost Converter
April, 2016 ??Rev. 5
logo
Copal Electronics
W-6238 COPAL-W-6238 Datasheet
193Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Richtek Technology Corp...
RT8549L RICHTEK-RT8549L Datasheet
406Kb / 24P
24V/60V Boost Converter with SMBus Controlled 4-CH LED Driver
May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com