Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
20
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
ILED
(mA)
0x02h
<7: 0>
31.28
E0
25.52
B0
19.76
80
14.00
50
31.16
DF
25.40
AF
19.64
7F
13.88
4F
31.04
DE
25.28
AE
19.52
7E
13.76
4E
30.92
DD
25.16
AD
19.40
7D
13.64
4D
30.80
DC
25.04
AC
19.28
7C
13.52
4C
30.68
DB
24.92
AB
19.16
7B
13.40
4B
30.56
DA
24.80
AA
19.04
7A
13.28
4A
30.44
D9
24.68
A9
18.92
79
13.16
49
30.32
D8
24.56
A8
18.80
78
13.04
48
30.20
D7
24.44
A7
18.68
77
12.92
47
30.08
D6
24.32
A6
18.56
76
12.80
46
29.96
D5
24.20
A5
18.44
75
12.68
45
29.84
D4
24.08
A4
18.32
74
12.56
44
29.72
D3
23.96
A3
18.20
73
12.44
43
29.60
D2
23.84
A2
18.08
72
12.32
42
29.48
D1
23.72
A1
17.96
71
12.20
41
29.36
D0
23.60
A0
17.84
70
12.08
40
LED Driver Headroom
The LED driver headroom can be set by the I2C interface and more setting details are shown in Table 7.
This adjusts the Minimum headroom selected comparator threshold with address 0x03h and contributes to the error
amplifier, moreover regulates an optimized output voltage for high efficiency.
Table 7. LED Driver Headroom
Address
Bit
Name
Default Value
Description
Resolution
R/W
03h
[6: 5]
LED driver
headroom
400mV
(B00)
LED driver headroom
B00: 400mV
B01: 450mV
B10: 500mV
B11: 600mV
--
R/W
The RT4539A detects all FBx voltage and selects a minimum voltage to EA (Error Amplifier). When the LED driver
headroom command is below B00, the LED driver headroom will be kept at 400mV and VOUT can be boosted to the
highest forward voltage of LED strings. This function can guarantee that the highest of FB pin voltage is 600mV.
Brightness Control by Address 0x03h/0x04h/0x05h Register
The RT4539A equips various methods of brightness control, including Dimming resolution bit selection, ILED
Mapping (Linear or exponential) mode selection and LED brightness setting. The brightness can be controlled using
an external PWM signal or the brightness register accessible by users via an I2C interface or both. The 8-bits in
address 0x05h register (LSB) along the 4-bits defined in address 0x04h register (MSB) allow LED brightness to be
set in 12-bit fine steps. More setting details are shown in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com