Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
18
Table 4. Switching Frequency
Boost Switching Frequency [3: 0]
Frequency
0x00h
300kHz
0x01h
300kHz
0x02h
300kHz
0x03h
300kHz
0x04h
300kHz
0x05h
400kHz
0x06h
500kHz
0x07h
600kHz
0x08h
700kHz
0x09h
800kHz
0x0Ah
900kHz
0x0Bh
1000kHz
0x0Ch
1225kHz
0x0Dh
1335kHz
0x0Eh
1450kHz
0x0Fh
1600kHz
Current-Limit Protection
The RT4539A integrates current-limit protection and can limit the peak current to achieve over-current protection.
The RT4539A senses the inductor current that flows through the LX pin. During the “ON” period, the duty cycle
depends on the current signal, and internal slope compensation is compared with the error signal. The internal
switch of Boost converter will be turned off when the peak current value of inductor current is larger than the
over-current protection setting. In the “OFF” period, the inductor current will be decreased until the internal switch is
turned on by the oscillator.
Current-limit protection can be set by I2C interface and more details are shown in Table 5.
Table 5. Current-Limit Protection Setting
Address
Bit
Name
Default Value
Description
Resolution
R/W
01h
[4]
Switching Current
Limitation Selection
2.5A (B1)
B0: 1.5A
B1: 2.5A
--
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com