Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4539AWSC Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 31Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
28
Protection
RT4539A embeds LED protection for LED OVP level, and Boost OVP. The LED protection can be set by the I2C, as
shown in Table 17.
Table 17. Protection
Address Bit
Name
Default Value
Description
R/W
0Ah
[4:
0]
Boost Over-Voltage
Protection
selection
39V
(0x1Dh)
Boost output over-voltage protection
0x00h to 0x1Eh: 10V~40V
R/W
[6:
5]
LED OVP Level
2.1V
(B00)
LED OVP level
B00: 2.1V
B01: 2.52V
B10: 2.8V
B11: 3.5V
R/W
[7:
7]
LED Short Protection
Disable
(B0)
LED Short Protection
B0: Disable
B1: Enable
R/W
When the Boost output voltage rises above the VOVP, the internal switch will be turned off. Once the Boost output
voltage drops below the VOVP, the internal switch will be turned on again. The Boost output voltage can be clamped
at the VOVP.
Boost Over-voltage
Protection selection [4: 0]
Boost OVP
(V)
0x00h
10
0x01h
11
0x02h
12
0x03h
13
0x04h
14
0x05h
15
0x06h
16
0x07h
17
0x08h
18
0x09h
19
0x0Ah
20
0x0Bh
21
0x0Ch
22
0x0Dh
23
0x0Eh
24
0x0Fh
25
Boost Over-voltage
Protection selection [4: 0]
Boost OVP
(V)
0x10h
26
0x11h
27
0x12h
28
0x13h
29
0x14h
30
0x15h
31
0x16h
32
0x17h
33
0x18h
34
0x19h
35
0x1Ah
36
0x1Bh
37
0x1Ch
38
0x1Dh
39
0x1Eh
40
0x1Fh
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com