Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 42 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 42 Page - SIMCom

Back Button SIM800L Datasheet HTML 38Page - SIMCom SIM800L Datasheet HTML 39Page - SIMCom SIM800L Datasheet HTML 40Page - SIMCom SIM800L Datasheet HTML 41Page - SIMCom SIM800L Datasheet HTML 42Page - SIMCom SIM800L Datasheet HTML 43Page - SIMCom SIM800L Datasheet HTML 44Page - SIMCom SIM800L Datasheet HTML 45Page - SIMCom SIM800L Datasheet HTML 46Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Smart Machine Smart Decision
4.9. PCM Interface
SIM800H&SIM800L provides a hardware PCM interface:
Table 20: PCM pin definition
Pin name
Pin number
Description
PCM_CLK
29
PCM clock
PCM_OUT
30
PCM data output
PCM_SYNC
65
PCM synchrony
PCM_IN
66
PCM data input
SIM800H&SIM800L PCM interface only supply master mode, data length is 16 bits (linear),PCM clock rate
is 256kHz.
Table 21: PCM specification
Parameter
Specification
Line Interface Format
Linear(Fixed)
Data length
16bits(Fixed)
PCM Clock/Sync Source
Master Mode(Fixed)
PCM Clock Rate
256kHz(Fixed)
PCM Sync Format
Short sync/Long sync both support
Zero Padding/Sign extension
Zero Padding(Fixed)
Data Ordering
MSB/LSB both support
Note: Customer can use AT command control PCM interface. For detail, please refer to document [1].
4.9.1.
PCM Multiplexing Function
With GPIO17 and GPIO19, PCM interface can be configured as SPI or SD interface, the following table shows
the detailed multiplexing function.
Table 22: PCM multiplexing function
Pin name
Pin number
Mode 0(default)
Mode 1
Mode 2
Mode 3
PCM_CLK
29
PCM_CLK
DISP_RST
SD_CMD
GPIO18
PCM_OUT
30
PCM_OUT
DISP_DI
SD_DATA3
GPIO19
PCM_SYNC
65
PCM_SYNC
DISP_CS
SD_CLK
GPIO20
PCM_IN
66
PCM_IN
DISP_DATA
SD_DATA2
GPIO21
GPIO2
27
GPIO2
DISP_D/C
SD_DATA0
-
GPIO3
28
GPIO3
DISP_CLK
SD_DATA1
-
Note: Customer can use AT command set mode. For detail, please refer to document [1].
SIM800H&SIM800L_Hardware Design_V2.02
42
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com