Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 16 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 16 Page - SIMCom

Back Button SIM800L Datasheet HTML 12Page - SIMCom SIM800L Datasheet HTML 13Page - SIMCom SIM800L Datasheet HTML 14Page - SIMCom SIM800L Datasheet HTML 15Page - SIMCom SIM800L Datasheet HTML 16Page - SIMCom SIM800L Datasheet HTML 17Page - SIMCom SIM800L Datasheet HTML 18Page - SIMCom SIM800L Datasheet HTML 19Page - SIMCom SIM800L Datasheet HTML 20Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
16
2015-07-27
3.2. Pin Description
Table 5: Pin description
Pin name
Pin number
I/O Description
Comment
Power supply
VBAT
1,42
I
Power supply
VRTC
56
I/O
Power supply for RTC
It is recommended to
connect with a battery or a
capacitor (e.g. 4.7uF).
VDD_EXT
18
O
2.8V power output
If these pins are unused,
keep open.
GND
2,6,8,35,37,38,39,
41,43,44,45,58,67
,71,72,73,76,77,7
8,79,80,81,82,83,
84,85,86,87,88
Ground
GND for VBAT recommend
to use 2,43,44,45pin
Power on/down
PWRKEY
48
I
PWRKEY should be pulled low at
least 1 second and then released to
power on/down the module.
Internally pulled up to
VBAT.
Audio interfaces
MIC1P
52
MIC1N
12
I
Differential audio input
SPK1P
53
SPK1N
13
O
Differential audio output
MIC2P
9
MIC2N
10
I
Differential audio input
SPK2P
51
SPK2N
11
O
Differential audio output
If these pins are unused,
keep open.
PCM interface
PCM_CLK
29
O
PCM_OUT
30
O
PCM_SYNC
65
O
PCM_IN
66
I
PCM interface for digital audio
If these pins are unused,
keep open.
Keypads interface
KBC4
24
I
KBC3
21
I
KBC2
22
I
KBC1
25
I
KBC0
20
I
KBR4
63
O
KBR3
23
O
Support up to 50 buttons (5*5*2)
If these pins are unused,
keep open.(Please make
sure pin20 at high level
when power on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com