Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 36 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 36 Page - SIMCom

Back Button SIM800L Datasheet HTML 32Page - SIMCom SIM800L Datasheet HTML 33Page - SIMCom SIM800L Datasheet HTML 34Page - SIMCom SIM800L Datasheet HTML 35Page - SIMCom SIM800L Datasheet HTML 36Page - SIMCom SIM800L Datasheet HTML 37Page - SIMCom SIM800L Datasheet HTML 38Page - SIMCom SIM800L Datasheet HTML 39Page - SIMCom SIM800L Datasheet HTML 40Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Smart Machine Smart Decision
Table 14: Performance of audio amplifier
Conditions
Class-AB AMP
4.2V 8Ω THD+N=1%
0.87W
3.4V 8Ω THD+N=1%
0.53W
4.2V 8Ω THD+N=10%
1.08W
3.4V 8Ω THD+N=10%
0.65W
SPK2P/2N output can directly drive 8Ω speaker.
AT command “AT+CMIC” is used to adjust the input gain level of microphone. AT command “AT+SIDET”
is used to set the side-tone level. In addition, AT command “AT+CLVL” is used to adjust the output gain level.
For more details, please refer to document [1].
In order to improve audio performance, the following reference circuits are recommended. The audio signals
have to be layout according to differential signal layout rules as shown in following figures.
4.7.1.
Speaker Interfaces Configuration
Figure 31: Speaker reference circuit
4.7.2.
Microphone Interfaces Configuration
SIM800H&SIM800L_Hardware Design_V2.02
36
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com