Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 66 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 66 Page - SIMCom

Back Button SIM800L Datasheet HTML 62Page - SIMCom SIM800L Datasheet HTML 63Page - SIMCom SIM800L Datasheet HTML 64Page - SIMCom SIM800L Datasheet HTML 65Page - SIMCom SIM800L Datasheet HTML 66Page - SIMCom SIM800L Datasheet HTML 67Page - SIMCom SIM800L Datasheet HTML 68Page - SIMCom SIM800L Datasheet HTML 69Page - SIMCom SIM800L Datasheet HTML 70Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
Smart Machine Smart Decision
7.2. Typical Solder Reflow Profile
Figure 58: Typical solder reflow profile of lead-free processes
7.3. The Moisture Sensitivity Level
The moisture sensitivity level of SIM800H&SIM800L module is 3. The modules should be mounted within 168
hours after unpacking in the environmental conditions of temperature <30
and relative humidity of <60% (RH).
It is necessary to bake the module if the above conditions are not met:
Table 57: Moisture sensitivity level and floor life
Moisture Sensitivity Level
(MSL)
Floor Life (out of bag) at factory ambient≤30°C/60% RH or as stated
1
Unlimited at
30 /85% RH
≦℃
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, it must be reflowed within the time limit
specified on the label.
Note: For product handling, storage, processing, IPC / JEDEC J-STD-033 must be followed.
SIM800H&SIM800L_Hardware Design_V2.02
66
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com