Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 64 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 64 Page - SIMCom

Back Button SIM800L Datasheet HTML 60Page - SIMCom SIM800L Datasheet HTML 61Page - SIMCom SIM800L Datasheet HTML 62Page - SIMCom SIM800L Datasheet HTML 63Page - SIMCom SIM800L Datasheet HTML 64Page - SIMCom SIM800L Datasheet HTML 65Page - SIMCom SIM800L Datasheet HTML 66Page - SIMCom SIM800L Datasheet HTML 67Page - SIMCom SIM800L Datasheet HTML 68Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
64
2015-07-27
Table 54: DCS1800 and PCS1900 conducted RF output power
DCS1800,PCS1900
Tolerance (dB) for conditions
PCL
Nominal output power (dBm)
Normal
Extreme
0
30
±2
±2.5
1
28
±3
±4
2
26
±3
±4
3
24
±3
±4
4
22
±3
±4
5
20
±3
±4
6
18
±3
±4
7
16
±3
±4
8
14
±3
±4
9
12
±4
±5
10
10
±4
±5
11
8
±4
±5
12
6
±4
±5
13
4
±4
±5
14
2
±5
±6
15
0
±5
±6
6.10.2. Module RF Receive Sensitivity
The following table shows the module’s conducted receiving sensitivity, it is tested under static condition.
Table 55: Conducted RF receive sensitivity
Frequency
Receive sensitivity(Typical)
Receive sensitivity(Max)
GSM850,EGSM900
< -108dBm
< -106dBm
DCS1800,PCS1900
< -108dBm
< -106dBm
6.10.3. Module Operating Frequencies
The following table shows the module’s operating frequency range; it is followed by the 3GPP TS 05.05
technical specification requirement.
Table 56: Operating frequencies
Frequency
Receive
Transmit
GSM850
869 ~ 894MHz
824 ~ 849MHz
EGSM900
925 ~ 960MHz
880 ~ 915MHz
DCS1800
1805 ~ 1880MHz
1710 ~ 1785MHz
PCS1900
1930 ~ 1990MHz
1850 ~ 1910MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com