Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 54 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 54 Page - SIMCom

Back Button SIM800L Datasheet HTML 50Page - SIMCom SIM800L Datasheet HTML 51Page - SIMCom SIM800L Datasheet HTML 52Page - SIMCom SIM800L Datasheet HTML 53Page - SIMCom SIM800L Datasheet HTML 54Page - SIMCom SIM800L Datasheet HTML 55Page - SIMCom SIM800L Datasheet HTML 56Page - SIMCom SIM800L Datasheet HTML 57Page - SIMCom SIM800L Datasheet HTML 58Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Smart Machine Smart Decision
The module provides 2 FM antenna pad named FM_ANTP and FM_ANTN, these are difference signal. The FM
antenna interface circuit is recommended as following:
Figure 52: FM antenna matching circuit
Normally, R301\R302\R303\R304 are 0Ω, C301\C302\C303\C304 are not mounted.
The earphone is often used for FM antenna, as an example, the pin GND of the 3.5mm earphone is connected to
the FM interface. The circuit is recommended as following:
Figure 53: GND pin of the earphone use to be the FM antenna interface
Normally, R301\R303 are 0Ω, C301\C302\C303\C304\L301 are not mounted.
SIM800H&SIM800L_Hardware Design_V2.02
54
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com