Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 48 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 48 Page - SIMCom

Back Button SIM800L Datasheet HTML 44Page - SIMCom SIM800L Datasheet HTML 45Page - SIMCom SIM800L Datasheet HTML 46Page - SIMCom SIM800L Datasheet HTML 47Page - SIMCom SIM800L Datasheet HTML 48Page - SIMCom SIM800L Datasheet HTML 49Page - SIMCom SIM800L Datasheet HTML 50Page - SIMCom SIM800L Datasheet HTML 51Page - SIMCom SIM800L Datasheet HTML 52Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Smart Machine Smart Decision
Table 29: ADC specification
Parameter
Min
Typ
Max
Unit
Voltage range
0
-
2.8
V
ADC Resolution
-
10
-
bits
Sampling rate
-
-
1.0833
MHz
ADC precision
10
30
mV
4.14. PWM
Table 30: Pin definition of the PWM
Pin name
Pin number
Description
PWM
26
PWM signal
SIM800H&SIM800L provides a PWM which can be used to drive a vibrator, and a backlight LED for display or
keyboard. PWM output frequency varies from 0 to 2kHz. Two 7-bit unsigned binary parameters are used for the
output period and for the duty cycle. AT command “AT + SPWM” is used to set the output period and duty cycle
of the PWM. For details, please refer to document [1].
A typical recommended circuit of the PWM driver buzzer is shown in the following figure.
Figure 45: Reference circuit of PWM driver buzzer
Table 31: Buzzer characteristics
Parameter
Min
Typ
Max
Unit
Working voltage
2.5
2.8
2.9
V
Working current
16
mA
Note: PWM pin must be kept at low power level when module is in the power on procedure.
SIM800H&SIM800L_Hardware Design_V2.02
48
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com