Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 28 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 28 Page - SIMCom

Back Button SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom SIM800L Datasheet HTML 26Page - SIMCom SIM800L Datasheet HTML 27Page - SIMCom SIM800L Datasheet HTML 28Page - SIMCom SIM800L Datasheet HTML 29Page - SIMCom SIM800L Datasheet HTML 30Page - SIMCom SIM800L Datasheet HTML 31Page - SIMCom SIM800L Datasheet HTML 32Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Smart Machine Smart Decision
External capacitor backup
RTC
Core
2.2K
VRTC
Large-capacitance
Capacitor
Figure 17: RTC supply from capacitor
Non-chargeable battery backup
Figure 18: RTC supply from non-chargeable battery
Rechargeable battery backup
Figure 19: RTC supply from rechargeable battery
Note: The clock error becomes larger when VBAT is turned off and RTC circuit was supplied from the backup battery or the
external capacitor.
4.5. Serial Port and USB Interface
SIM800H&SIM800L default provides one unbalanced asynchronous serial ports. The module is designed as a
DCE (Data Communication Equipment). The following figure shows the connection between module and client
(DTE).
SIM800H&SIM800L_Hardware Design_V2.02
28
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com