Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 31 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 31 Page - SIMCom

Back Button SIM800L Datasheet HTML 27Page - SIMCom SIM800L Datasheet HTML 28Page - SIMCom SIM800L Datasheet HTML 29Page - SIMCom SIM800L Datasheet HTML 30Page - SIMCom SIM800L Datasheet HTML 31Page - SIMCom SIM800L Datasheet HTML 32Page - SIMCom SIM800L Datasheet HTML 33Page - SIMCom SIM800L Datasheet HTML 34Page - SIMCom SIM800L Datasheet HTML 35Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
Smart Machine Smart Decision
1K
5.6K
RXD
TXD
RTS
CTS
GPIO
GPIO
EINT
DTE
(3.3V)
5.6K
5.6K
1K
1K
1K
1K
1K
1K
Module
TXD
RXD
RTS
CTS
DTR
DCD
RI
GND
GND
Figure 21: Resistor matching circuit
If the voltage of UART is 3V or3.3V, the following reference circuits are recommended:
Figure 22 : Diode isolation circuit
Note: please make sure the minimum of client high limit should be less than 2.8V minus the diode drop.
If the voltage of UART is 5V, the following reference circuits are recommended:
Figure 23: TX level matching circuit
SIM800H&SIM800L_Hardware Design_V2.02
31
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com