Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 20 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 20 Page - SIMCom

Back Button SIM800L Datasheet HTML 16Page - SIMCom SIM800L Datasheet HTML 17Page - SIMCom SIM800L Datasheet HTML 18Page - SIMCom SIM800L Datasheet HTML 19Page - SIMCom SIM800L Datasheet HTML 20Page - SIMCom SIM800L Datasheet HTML 21Page - SIMCom SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Smart Machine Smart Decision
4. Application Interface
4.1. Power Supply
The power supply range of SIM800H&SIM800L is from 3.4V to 4.4V.Recommended voltage is 4.0V.The
transmitting burst will cause voltage drop and the power supply must be able to provide sufficient current up to
2A. For the VBAT input, a bypass capacitor (low ESR) such as a 100 µF is strongly recommended.
Increase the 33pF and 10pF capacitors can effectively eliminate the high frequency interference. A
5.1V/500mW Zener diode is strongly recommended, the diode can prevent chip from damaging by the voltage
surge. These capacitors and Zener diode should be placed as close as possible to SIM800H&SIM800L VBAT
pins.
Figure 5: Reference circuit of the VBAT input
Table 6: Recommended zener diode
Vendor
Part number
Power(watts)
Packages
1
On semi
MMSZ5231BT1G
500mW
SOD123
2
Prisemi
PZ3D4V2H
500mW
SOD323
3
Vishay
MMSZ4689-V
500mW
SOD123
4
Crownpo
CDZ55C5V1SM
500mW
0805
The following figure is the reference design of +5V input power supply. The designed output for the power
supply is 4.1V, thus a linear regulator can be used.
Figure 6: Reference circuit of the LDO power supply
SIM800H&SIM800L_Hardware Design_V2.02
20
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com