Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 23 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 23 Page - SIMCom

Back Button SIM800L Datasheet HTML 19Page - SIMCom SIM800L Datasheet HTML 20Page - SIMCom SIM800L Datasheet HTML 21Page - SIMCom SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom SIM800L Datasheet HTML 26Page - SIMCom SIM800L Datasheet HTML 27Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Smart Machine Smart Decision
Figure 12: Timing of power on module
When power on procedure is completed, SIM800H&SIM800L will send following URC to indicate that the
module is ready to operate at fixed baud rate.
RDY
This URC does not appear when autobauding function is active.
Note: Customer can use AT command “AT+IPR=x” to set a fixed baud rate and save the configuration to non-volatile flash
memory. After the configuration is saved as fixed baud rate, the Code “RDY” should be received from the serial port every time
when SIM800H&SIM800L is powered on. For details, please refer to the chapter “AT+IPR” in document [1].
4.2.2.
Power down SIM800H&SIM800L
SIM800H&SIM800L will be powered down in the following situations:
Normal power down procedure: power down SIM800H&SIM800L by the PWRKEY pin.
Normal power down procedure: power down SIM800H&SIM800L by AT command “AT+CPOWD=1”.
Abnormal power down: over-voltage or under-voltage automatic power down.
Abnormal power down: over-temperature or under-temperature automatic power down.
4.2.2.1. Power down SIM800H&SIM800L by the PWRKEY Pin
Customer can power down SIM800H&SIM800L by pulling down the PWRKEY pin for at least 1 second and
release. Please refer to the power on circuit. The power down timing is illustrated in the following figure.
Figure 13: Timing of power down SIM800H&SIM800L by PWRKEY
This procedure makes the module log off from the network and allows the software to enter into a secure state to
SIM800H&SIM800L_Hardware Design_V2.02
23
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com