Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 67 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 67 Page - SIMCom

Back Button SIM800L Datasheet HTML 63Page - SIMCom SIM800L Datasheet HTML 64Page - SIMCom SIM800L Datasheet HTML 65Page - SIMCom SIM800L Datasheet HTML 66Page - SIMCom SIM800L Datasheet HTML 67Page - SIMCom SIM800L Datasheet HTML 68Page - SIMCom SIM800L Datasheet HTML 69Page - SIMCom SIM800L Datasheet HTML 70Page - SIMCom SIM800L Datasheet HTML 71Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
67
2015-07-27
7.4. Baking Requirements
SIM800H&SIM800L modules are vacuum packaged, and guaranteed for 6 months storage without opening or
leakage under the following conditions: the environment temperature is lower than 40 , and the air humidity is
℃
less than 90%.
If the condition meets one of the following ones shown below, the modules should be baked sufficiently before
re-flow soldering, and the baking condition is shown in below table; otherwise the module will be at the risk of
permanent damage during re-flow soldering.
If the vacuum package is broken or leakage;
If the vacuum package is opened after 6 months since it’s been packed;
If the vacuum package is opened within 6 months but out of its Floor Life at factory
ambient 30 /60%RH or as stated
≦℃
.
Table 58: Baking requirements
Baking temperature
Moisture
Time
40 ±5
℃℃
<5%
192 hours
120 ±5
℃℃
<5%
6 hours
Note: Care should be taken if that plastic tray is not heat-resistant, the modules should be taken out for preheating, otherwise the
tray may be damaged by high-temperature heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com