Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 24 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 24 Page - SIMCom

Back Button SIM800L Datasheet HTML 20Page - SIMCom SIM800L Datasheet HTML 21Page - SIMCom SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom SIM800L Datasheet HTML 26Page - SIMCom SIM800L Datasheet HTML 27Page - SIMCom SIM800L Datasheet HTML 28Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
24
2015-07-27
save data before completely shut down.
Before the completion of the power down procedure, the module will send URC:
NORMAL POWER DOWN
At this moment, AT commands can not be executed any more, and only the RTC is still active. Power down mode
can also be indicated by STATUS or VDD_EXT, which is at low level at this time.
4.2.2.2. Power down SIM800H&SIM800L by AT Command
SIM800H&SIM800L can be powered down by AT command “AT+CPOWD=1”. This procedure makes the
module log off from the network and allows the software to enter into a secure state to save data before
completely shut down.
Before the completion of the power down procedure, the module will send URC:
NORMAL POWER DOWN
At this moment, AT commands can not be executed any more, and only the RTC is still active. Power down mode
can also be indicated by STATUS or VDD_EXT, which is at low level at this time.
For detail about AT command “AT+CPOWD”, please refer to document [1].
4.2.2.3. Over-Voltage or Under-Voltage Power Down
The module software monitors the VBAT voltage constantly.
If the voltage ≤ 3.5V, the following URC will be reported:
UNDER-VOLTAGE WARNNING
If the voltage ≥ 4.3V, the following URC will be reported:
OVER-VOLTAGE WARNNING
If the voltage < 3.4V, the following URC will be reported, and the module will be automatically powered down.
UNDER-VOLTAGE POWER DOWN
If the voltage > 4.4V, the following URC will be reported, and the module will be automatically powered down.
OVER-VOLTAGE POWER DOWN
At this moment, AT commands can not be executed any more, and only the RTC is still active. Power down mode
can also be indicated by STATUS or VDD_EXT, which is at low level at this time.
4.2.2.4. Over-Temperature or Under-Temperature Power Down
The module will constantly monitor the temperature of the module,
If the temperature ≥ +80℃, the following URC will be reported:
+CMTE: 1
If the temperature ≤ -30℃, the following URC will be reported:
+CMTE:-1
If the temperature > +85℃, the following URC will be reported, and the module will be automatically powered
down.
+CMTE: 2
If the temperature < -40℃, the following URC will be reported, and the module will be automatically powered
down.
+CMTE:-2
At this moment, AT commands can not be executed any more, and only the RTC is still active. Power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com