Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 59 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 59 Page - SIMCom

Back Button SIM800L Datasheet HTML 55Page - SIMCom SIM800L Datasheet HTML 56Page - SIMCom SIM800L Datasheet HTML 57Page - SIMCom SIM800L Datasheet HTML 58Page - SIMCom SIM800L Datasheet HTML 59Page - SIMCom SIM800L Datasheet HTML 60Page - SIMCom SIM800L Datasheet HTML 61Page - SIMCom SIM800L Datasheet HTML 62Page - SIMCom SIM800L Datasheet HTML 63Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
59
2015-07-27
6.4
SIM Card Interface Characteristics
Table 45: SIM card interface characteristics
Symbol
Parameter
Min
Typ
Max
Unit
IIH
High-level input current
-1.0
-
1.0
uA
IIL
Low-level input current
-1.0
-
1.0
uA
1.4
-
-
V
VIH
High-level input voltage
2.4
-
-
V
-
-
0.27
V
VIL
Low-level input voltage
0.4
V
1.62
-
-
V
VOH
High-level output voltage
2.7
-
-
V
-
-
0.36
V
VOL
Low-level output voltage
-
-
0.4
V
6.5
SIM_VDD Characteristics
Table 46: SIM_VDD characteristics
Symbol
Parameter
Min
Typ
Max
Unit
-
3.0
-
VO
Output voltage
-
1.8
-
V
IO
Output current
-
-
10
mA
6.6
VDD_EXT Characteristics
Table 47: VDD_EXT characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VO
Output voltage
2.7
2.8
2.9
V
IO
Output current
-
-
50
mA
6.7
VRTC Characteristics
Table 48: VRTC characteristics
Symbol
Description
Min
Typ
Max
Unit
VRTC-IN
VRTC input voltage
1.2
2.8
3.0
V
IRTC-IN
VRTC input current
-
3.0
5.0
uA
VRTC-OUT
VRTC output voltage
-
2.8
-
V
IRTC-OUT
VRTC output current
-
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com