Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 17 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 17 Page - SIMCom

Back Button SIM800L Datasheet HTML 13Page - SIMCom SIM800L Datasheet HTML 14Page - SIMCom SIM800L Datasheet HTML 15Page - SIMCom SIM800L Datasheet HTML 16Page - SIMCom SIM800L Datasheet HTML 17Page - SIMCom SIM800L Datasheet HTML 18Page - SIMCom SIM800L Datasheet HTML 19Page - SIMCom SIM800L Datasheet HTML 20Page - SIMCom SIM800L Datasheet HTML 21Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
17
2015-07-27
KBR2
61
O
KBR1
60
O
KBR0
62
O
GPIO
GPIO1
3
I/O
GPIO2
27
I/O
GPIO3
28
I/O
Programmable general purpose input
and output
NETLIGHT
64
O
Network status
STATUS
4
O
Power on status
Serial port
DTR
69
I
Data terminal ready
RI
68
O
Ring indicator
DCD
70
O
Data carrier detect
CTS
34
O
Request to send
RTS
33
I
Clear to send
TXD
32
O
Transmit data
RXD
31
I
Receive data
If these pins are unused,
keep open.
Debug interface
VBUS
7
I
USB_DP
59
I/O
USB_DN
19
I/O
Debug and download
If these pins are unused,
keep open.
ADC
ADC
50
I
10bit general analog to digital
converter
If these pins are unused,
keep open.
PWM
PWM
26
O
Pulse-width modulation
If these pins are unused,
keep open.
I2C
SDA
75
I/O
Open drain output
SCL
74
O
Open drain output
If these pins are unused,
keep open.
SIM card interface
SIM_VDD
16
O
Voltage supply for SIM card.
Support 1.8V or 3V SIM card
SIM_DATA
14
I/O
SIM data input/output
SIM_CLK
55
O
SIM clock
SIM_RST
15
O
SIM reset
All signals of SIM interface
should be protected against
ESD with a TVS diode
array.
SIM_DET
54
I
SIM card detection
If these pins are unused,
keep open.
Antenna interface
GSM_ANT
40
I/O
Connect GSM antenna
BT_ANT
36
I/O
Connect Bluetooth antenna
Only SIM800H
FM_ANTP
17
I
Differential antenna for FM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com