Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 25 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 25 Page - SIMCom

Back Button SIM800L Datasheet HTML 21Page - SIMCom SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom SIM800L Datasheet HTML 26Page - SIMCom SIM800L Datasheet HTML 27Page - SIMCom SIM800L Datasheet HTML 28Page - SIMCom SIM800L Datasheet HTML 29Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
Smart Machine Smart Decision
mode can also be indicated by STATUS or VDD_EXT, which is at low level at this time.
Note:The default temperature detect is disable, AT command “AT+CMTE” could be used to read the temperature when the
module is running.For details please refer to document [1].
4.2.2.5. Restart SIM800H&SIM800L by PWRKEY Pin:
When the module works normally, if the customer wants to restart the module, follow the procedure below:
1)
Power down the module.
2)
Wait for at least 800ms after STATUS pin changed to low level.
3)
Power on the module.
Figure 14:Timing of restart SIM800H&SIM800L
4.2.3.
Reset Function
SIM800H&SIM800L also has a RESET pin (pin 49) used to reset the module. This function is used as an
emergency reset only when AT command “AT+CPOWD=1” and the PWRKEY pin has no effect. Customer can
pull the RESET pin to ground, then the module will reset.
This pin is already isolated in the module, so the external isolation is not necessary. Following figure is internal
circuit of the RESET pin.
Figure 15: Reset circuit
The typical value of RESET pin at High level is 2.8V, so for the 3V or 3.3V, customer could use MCU’s GPIO to
driver this pin directly, cascading some resistors could enhance the ESD performance but the value should not be
SIM800H&SIM800L_Hardware Design_V2.02
25
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com