Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 34 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 34 Page - SIMCom

Back Button SIM800L Datasheet HTML 30Page - SIMCom SIM800L Datasheet HTML 31Page - SIMCom SIM800L Datasheet HTML 32Page - SIMCom SIM800L Datasheet HTML 33Page - SIMCom SIM800L Datasheet HTML 34Page - SIMCom SIM800L Datasheet HTML 35Page - SIMCom SIM800L Datasheet HTML 36Page - SIMCom SIM800L Datasheet HTML 37Page - SIMCom SIM800L Datasheet HTML 38Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Smart Machine Smart Decision
4.6. RI Behaviors
Table 12: RI behaviors
State
RI response
Standby
High
Voice call
The pin is changed to low. When any of the following events occur, the pin will be changed
to high:
1)Establish the call
2)Hang up the call
Data call
The pin is changed to low. When any of the following events occur, the pin will be changed
to high:
1)Establish the call
2)Hang up the call
SMS
The pin is changed to low, and kept low for 120ms when a SMS is received. Then it is
changed to high.
URC
The pin is changed to low, and kept low for 120ms when some URCs are reported. Then it is
changed to high. For more details, please refer to document [10].
The behavior of the RI pin is shown in the following figure when the module is used as a receiver.
Figure 27: RI behaviour of voice calling as a receiver
Figure 28: RI behaviour of data calling as a receiver
SIM800H&SIM800L_Hardware Design_V2.02
34
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com