Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 10 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 10 Page - SIMCom

Back Button SIM800L Datasheet HTML 6Page - SIMCom SIM800L Datasheet HTML 7Page - SIMCom SIM800L Datasheet HTML 8Page - SIMCom SIM800L Datasheet HTML 9Page - SIMCom SIM800L Datasheet HTML 10Page - SIMCom SIM800L Datasheet HTML 11Page - SIMCom SIM800L Datasheet HTML 12Page - SIMCom SIM800L Datasheet HTML 13Page - SIMCom SIM800L Datasheet HTML 14Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
Smart Machine Smart Decision
SIM800H&SIM800L_Hardware Design_V2.02
10
2015-07-27
Version History
Date
Version
Description of change
Author
2013-08-01
1.00
Origin
Jialin.song; Ya.li
2013-08-20
1.01
Update figure 15, figure 23, figure 32, figure 54
Update Bluetooth matching (R201 is 1.2nH, C202 is 1.5pF)
Update 7.3 and 7.4 paragraph
Change 300us to 105ms in the table 6
Update table 1,table 7
Jialin.song; Ya.li
2014-07-03
2.01
Update Figure 12,Figure 13,Figure 20
Update Table 7
Update Serial port baud rates
Add note of the SIM design
Add notes of the KEYPAD design
Add “4.2.2.5 Restart SIM800H/L by PWRKEY Pin”
Add “4.3.4 and 4.3.5” sleep mode 2(AT+CSCLK=2)
Add “4.18.1 RF_SYNC Multiplexing Function ”
Modify max value of the VBUS in table 42
Add table 50 and table 51
Jialin.song
2015-07-27
V2.02
Modify KBC0 described in table 5
Modify Figure 12
Modify Table 50 “Bluetooth specification Version3.0”
Modify Table 44 “Parameter”
Jialin.song



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com