Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 26 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 26 Page - SIMCom

Back Button SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom SIM800L Datasheet HTML 26Page - SIMCom SIM800L Datasheet HTML 27Page - SIMCom SIM800L Datasheet HTML 28Page - SIMCom SIM800L Datasheet HTML 29Page - SIMCom SIM800L Datasheet HTML 30Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Smart Machine Smart Decision
too big; otherwise the level of RESET could be lower than threshold value; RESET hardware parameters can
refer to the table below:
Table 7: Electronic characteristic of the RESET pin
Pin name
Symbol
Min
Typ
Max
Unit
VIH
2.4
-
-
V
VIL
-
-
0.6
V
RESET
Low power time
105
-
ms
The reset scenarios are illustrated in the following figures.
Figure 16: Reset timing sequence
4.3. Power Saving Mode
SIM800H&SIM800L has two power saving modes: Minimum functionality mode and sleep mode. AT command
“AT+CSCLK=1”can be used to set SIM800H&SIM800L into sleep mode. AT command
“AT+CFUN=<fun>“ can be used to set SIM800H&SIM800L into minimum functionality. When
SIM800H&SIM800L is in sleep mode and minimum functionality mode, the current of module is lowest.
4.3.1.
Minimum Functionality Mode
There are three functionality modes, which could be set by AT command “AT+CFUN=<fun>“. The command
provides the choice of the functionality levels <fun>=0,1,4.
AT+CFUN=0: Minimum functionality.
AT+CFUN=1: Full functionality (default).
AT+CFUN=4: Flight mode (disable RF function).
Table 8: The current consumption of Minimum Functionality Mode (BS-PA-MFRMS=9)
<fun>
Current consumption(mA) (sleep mode)
0
0.83
1
1.04
4
0.92
Minimum functionality mode minimizes the current consumption to the lowest level. If SIM800H&SIM800L
SIM800H&SIM800L_Hardware Design_V2.02
26
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com