Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800L Datasheet(PDF) 21 Page - SIMCom

Part # SIM800L
Description  Hardware Design_V2.02
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800L Datasheet(HTML) 21 Page - SIMCom

Back Button SIM800L Datasheet HTML 17Page - SIMCom SIM800L Datasheet HTML 18Page - SIMCom SIM800L Datasheet HTML 19Page - SIMCom SIM800L Datasheet HTML 20Page - SIMCom SIM800L Datasheet HTML 21Page - SIMCom SIM800L Datasheet HTML 22Page - SIMCom SIM800L Datasheet HTML 23Page - SIMCom SIM800L Datasheet HTML 24Page - SIMCom SIM800L Datasheet HTML 25Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Smart Machine Smart Decision
If there is a high drop-out between the input and the desired output (VBAT), a DC-DC power supply will be
preferable because of its better efficiency especially with the 2A peak current in burst mode of the module. The
following figure is the reference circuit.
Figure 7: Reference circuit of the DC-DC power supply
The single 3.7V Li-ion cell battery can be connected to SIM800H&SIM800L VBAT pins directly. But the Ni-Cd
or Ni-MH battery must be used carefully, since their maximum voltage can rise over the absolute maximum
voltage of the module and damage it.
When battery is used, the total impedance between battery and VBAT pins should be less than 150mΩ.
The following figure shows the VBAT voltage drop at the maximum power transmit phase, and the test condition
is as following:
VBAT=4.0V,
A VBAT bypass capacitor CA=100µF tantalum capacitor (ESR=0.7Ω),
Another VBAT bypass capacitor CB=1µF.
Figure 8: VBAT voltage drop during transmit burst
4.1.1.
Power Supply Pin
Pin 1 and Pin 42 are VBAT input, Pins 2,43,44,45 are GND of power supply, VRTC pin is power supply of the
RTC circuit in the module. VDD_EXT output 2.8V when module is in normal operation mode.
When designing the power supply in customer’s application, pay special attention to power losses. Ensure that
the input voltage never drops below 3.0V even when current consumption rises to 2A in the transmit burst. If the
power voltage drops below 3.0V, the module may be shut down automatically. The PCB traces from the VBAT
pins to the power supply must be wide enough (at least 60mil) to decrease voltage drops in the transmit burst.
The power IC and the bypass capacitor should be placed to the module as close as possible.
SIM800H&SIM800L_Hardware Design_V2.02
21
2015-07-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com