Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 113 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 212 page
background image
113
4109J–8051–10/06
AT8xC51SND1C
in stream packets, CRC protection is not included in this case. The CRC protection algorithm for
block data is a 16-bit CCITT polynomial.
Figure 15-8. Data Token Format
15.2.6
Clock Control
The MMC bus clock signal can be used by the host to turn the cards into energy saving mode or
to control the data flow (to avoid under-run or over-run conditions) on the bus. The host is
allowed to lower the clock frequency or shut it down.
There are a few restrictions the host must follow:
•
The bus frequency can be changed at any time (under the restrictions of maximum data
transfer frequency, defined by the cards, and the identification frequency defined by the
specification document).
•
It is an obvious requirement that the clock must be running for the card to output data or
response tokens. After the last MultiMedia Card bus transaction, the host is required, to
provide 8 (eight) clock cycles for the card to complete the operation before shutting down
the clock. Following is a list of the various bus transactions:
•
A command with no response. 8 clocks after the host command End bit.
•
A command with response. 8 clocks after the card command End bit.
•
A read data transaction. 8 clocks after the End bit of the last data block.
•
A write data transaction. 8 clocks after the CRC status token.
•
The host is allowed to shut down the clock of a “busy” card. The card will complete the
programming operation regardless of the host clock. However, the host must provide a clock
edge for the card to turn off its busy signal. Without a clock edge the card (unless previously
disconnected by a deselect command-CMD7) will force the MDAT line down, forever.
15.3
Description
The MMC controller interfaces to the C51 core through the following eight special function
registers:
MMCON0, MMCON1, MMCON2, the three MMC control registers (see Table 102 to Table 110);
MMSTA, the MMC status register (see Table 105); MMINT, the MMC interrupt register (see
Table 106); MMMSK, the MMC interrupt mask register (see Table 107); MMCMD, the MMC
command register (see Table 108); MMDAT, the MMC data register (see Table 109); and
MMCLK, the MMC clock register (see Table 110).
As shown in Figure 15-9, the MMC controller is divided in four blocks: the clock generator that
handles the MCLK (formally the MMC CLK) output to the card, the command line controller that
handles the MCMD (formally the MMC CMD) line traffic to or from the card, the data line control-
ler that handles the MDAT (formally the MMC DAT) line traffic to or from the card, and the
interrupt controller that handles the MMC controller interrupt sources. These blocks are detailed
in the following sections.
0
Content
1
Sequential Data
CRC
Block Data
0
Content
1
Block Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com