Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 212 page
background image
117
4109J–8051–10/06
AT8xC51SND1C
Figure 15-14. Data Line Controller Block Diagram
15.6.1
FIFO Implementation
The 16-Byte FIFO is based on a dual 8-Byte FIFOs managed using 2 pointers and four flags
indicating the status full and empty of each FIFO.
Pointers are not accessible to user but can be reset at any time by setting and clearing DRPTR
and DTPTR bits in MMCON0 register. Resetting the pointers is equivalent to abort the writing or
reading of data.
F1EI and F2EI flags in MMINT register signal when set that respectively FIFO1 and FIFO2 are
empty. F1FI and F2FI flags in MMINT register signal when set that respectively FIFO1 and
FIFO2 are full. These flags may generate an MMC interrupt request as detailed in
Section “Interrupt”.
15.6.2
Data Configuration
Before sending or receiving any data, the data line controller must be configured according to
the type of the data transfer considered. This is achieved using the Data Format bit: DFMT in
MMCON0 register. Clearing DFMT bit enables the data stream format while setting DFMT bit
enables the data block format. In data block format, user must also configure the single or multi-
block mode by clearing or setting the MBLOCK bit in MMCON0 register and the block length
using BLEN3:0 bits in MMCON1 according to Table 101. Figure 15-15 summarizes the data
modes configuration flows.
Table 101. Block Length Programming
MCBI
MMINT.1
DATFS
MMSTA.3
CRC16S
MMSTA.4
F2FI
MMINT.3
F2EI
MMINT.1
DFMT
MMCON0.2
MBLOCK
MMCON0.3
DATDIR
MMCON1.3
Data Converter
// -> Serial
BLEN3:0
MMCON1.7:4
DATEN
MMCON1.2
DATA Line
Finished State Machine
Data Converter
Serial -> //
DTPTR
MMCON0.6
DRPTR
MMCON0.7
TX Pointer
RX Pointer
8-Byte
FIFO 1
8-Byte
FIFO 2
16-Byte FIFO
MMDAT
F1EI
MMINT.0
CRC16 and Format
Checker
F1FI
MMINT.2
EOFI
MMINT.4
CBUSY
MMSTA.5
CRC16
Generator
MDAT
BLEN3:0
Block Length (Byte)
BLEN = 0000 to 1011
Length = 2
BLEN: 1 to 2048
> 1011
Reserved: do not program BLEN3:0 > 1011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com