Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 212 page
background image
118
4109J–8051–10/06
AT8xC51SND1C
Figure 15-15. Data Controller Configuration Flows
15.6.3
Data Transmitter
15.6.3.1
Configuration
For transmitting data to the card user must first configure the data controller in transmission
mode by setting the DATDIR bit in MMCON1 register.
Figure 15-16 summarizes the data stream transmission flows in both polling and interrupt modes
while Figure 15-17 summarizes the data block transmission flows in both polling and interrupt
modes, these flows assume that block length is greater than 16 data.
15.6.3.2
Data Loading
Data is loaded in the FIFO by writing to MMDAT register. Number of data loaded may vary from
1 to 16 Bytes. Then if necessary (more than 16 Bytes to send) user must wait that one FIFO
becomes empty (F1EI or F2EI set) before loading 8 new data.
15.6.3.3
Data Transmission
Transmission is enabled by setting and clearing DATEN bit in MMCON1 register.
Data is transmitted immediately if the response has already been received, or is delayed after
the response reception if its status is correct. In both cases transmission is delayed if a card
sends a busy state on the data line until the end of this busy condition.
According to the MMC specification, the data transfer from the host to the card may not start
sooner than 2 MMC clock periods after the card response was received (formally N
WR parame-
ter). To address all card types, this delay can be programmed using DATD1:0 bits in MMCON2
register from 3 MMC clock periods when DATD1:0 bits are cleared to 9 MMC clock periods
when DATD1:0 bits are set, by step of 2 MMC clock periods.
15.6.3.4
End of Transmission
The end of a data frame (block or stream) transmission is signalled to you by the EOFI flag in
MMINT register. This flag may generate an MMC interrupt request as detailed in Section "Inter-
rupt", page 122.
In data stream mode, EOFI flag is set, after reception of the End bit. This assumes user has pre-
viously sent the STOP command to the card, which is the only way to stop stream transfer.
In data block mode, EOFI flag is set, after reception of the CRC status token (see Figure 15-7).
2 other flags in MMSTA register: DATFS and CRC16S report a status on the frame sent. DATFS
indicates if the CRC status token format is correct or not, and CRC16S indicates if the card has
found the CRC16 of the block correct or not.
15.6.3.5
Busy Status
As shown in Figure 15-7 the card uses a busy token during a block write operation. This busy
status is reported to you by the CBUSY flag in MMSTA register and by the MCBI flag in MMINT
Data Single Block
Configuration
Data Stream
Configuration
Configure Format
DFMT = 0
Data Multi-Block
Configuration
Configure Format
DFMT = 1
MBLOCK = 1
BLEN3:0 = XXXXb
Configure Format
DFMT = 1
MBLOCK = 0
BLEN3:0 = XXXXb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com