Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 122 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 212 page
background image
122
4109J–8051–10/06
AT8xC51SND1C
Figure 15-19. Data Block Reception Flows
15.6.5
Flow Control
To allow transfer at high speed without taking care of CPU oscillator frequency, the FLOWC bit
in MMCON2 allows control of the data flow in both transmission and reception.
During transmission, setting the FLOWC bit has the following effects:
•
MMCLK is stopped when both FIFOs become empty: F1EI and F2EI set.
•
MMCLK is restarted when one of the FIFOs becomes full: F1EI or F2EI cleared.
During reception, setting the FLOWC bit has the following effects:
•
MMCLK is stopped when both FIFOs become full: F1FI and F2FI set.
•
MMCLK is restarted when one of the FIFOs becomes empty: F1FI or F2FI cleared.
As soon as the clock is stopped, the MMC bus is frozen and remains in its state until the clock is
restored by writing or reading data in MMDAT.
15.7
Interrupt
15.7.1
Description
As shown in Figure 15-20, the MMC controller implements eight interrupt sources reported in
MCBI, EORI, EOCI, EOFI, F2FI, F1FI, and F2EI flags in MMCINT register. These flags are
detailed in the previous sections.
All these sources are maskable separately using MCBM, EORM, EOCM, EOFM, F2FM, F1FM,
and F2EM mask bits respectively in MMMSK register.
Data Block
Reception
Start Transmission
DATEN = 1
DATEN = 0
FIFO Full?
F1EI or F2EI = 1?
FIFO Reading
read 8 data from MMDAT
No More Data
To Receive?
a. Polling mode
Data Block
Initialization
Start Transmission
DATEN = 1
DATEN = 0
Data Block
Reception ISR
FIFO Reading
read 8 data from MMDAT
No More Data
To Receive?
b. Interrupt mode
FIFO Full?
F1EI or F2EI = 1?
Mask FIFOs Full
F1FM = 1
F2FM = 1
Unmask FIFOs Full
F1FM = 0
F2FM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com