Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 127Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 212 page
background image
124
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
15.8.0.1
Table 103. MMCON1 Register
MMCON1 (S:E5h) – MMC Control Register 1
Reset Value = 0000 0000b
6
DTPTR
Data Transmit Pointer Reset Bit
Set to reset the write pointer of the data FIFO.
Clear to release the write pointer of the data FIFO.
5CRPTR
Command Receive Pointer Reset Bit
Set to reset the read pointer of the receive command FIFO.
Clear to release the read pointer of the receive command FIFO.
4
CTPTR
Command Transmit Pointer Reset Bit
Set to reset the write pointer of the transmit command FIFO.
Clear to release the read pointer of the transmit command FIFO.
3MBLOCK
Multi-block Enable Bit
Set to select multi-block data format.
Clear to select single block data format.
2DFMT
Data Format Bit
Set to select the block-oriented data format.
Clear to select the stream data format.
1RFMT
Response Format Bit
Set to select the 48-bit response format.
Clear to select the 136-bit response format.
0
CRCDIS
CRC7 Disable Bit
Set to disable the CRC7 computation when receiving a response.
Clear to enable the CRC7 computation when receiving a response.
Bit
Number
Bit
Mnemonic
Description
7654
3210
BLEN3
BLEN2
BLEN1
BLEN0
DATDIR
DATEN
RESPEN
CMDEN
Bit
Number
Bit
Mnemonic
Description
7 - 4
BLEN3:0
Block Length Bits
Refer to Table 101 for bits description. Do not program value > 1011b
3DATDIR
Data Direction Bit
Set to select data transfer from host to card (write mode).
Clear to select data transfer from card to host (read mode).
2DATEN
Data Transmission Enable Bit
Set and clear to enable data transmission immediately or after response has
been received.
1
RESPEN
Response Enable Bit
Set and clear to enable the reception of a response following a command
transmission.
0CMDEN
Command Transmission Enable Bit
Set and clear to enable transmission of the command FIFO to the card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com