Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 127 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 127 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 127Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 128Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 129Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 130Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 131Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 212 page
background image
127
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0011b
15.8.0.5
Table 107. MMMSK Register
MMMSK (S:DFh) – MMC Interrupt Mask Register
6EORI
End of Response Interrupt Flag
Set by hardware at the end of response reception.
Cleared when reading MMINT.
5EOCI
End of Command Interrupt Flag
Set by hardware at the end of command transmission.
Clear when reading MMINT.
4EOFI
End of Frame Interrupt Flag
Set by hardware at the end of frame (stream or block) transfer.
Clear when reading MMINT.
3F2FI
FIFO 2 Full Interrupt Flag
Set by hardware when second FIFO becomes full.
Cleared by hardware when second FIFO becomes empty.
2F1FI
FIFO 1 Full Interrupt Flag
Set by hardware when first FIFO becomes full.
Cleared by hardware when first FIFO becomes empty.
1F2EI
FIFO 2 Empty Interrupt Flag
Set by hardware when second FIFO becomes empty.
Cleared by hardware when second FIFO becomes full.
0F1EI
FIFO 1 Empty Interrupt Flag
Set by hardware when first FIFO becomes empty.
Cleared by hardware when first FIFO becomes full.
Bit
Number
Bit
Mnemonic
Description
7654
3210
MCBM
EORM
EOCM
EOFM
F2FM
F1FM
F2EM
F1EM
Bit
Number
Bit
Mnemonic
Description
7MCBM
MMC Card Busy Interrupt Mask Bit
Set to prevent MCBI flag from generating an MMC interrupt.
Clear to allow MCBI flag to generate an MMC interrupt.
6EORM
End Of Response Interrupt Mask Bit
Set to prevent EORI flag from generating an MMC interrupt.
Clear to allow EORI flag to generate an MMC interrupt.
5EOCM
End Of Command Interrupt Mask Bit
Set to prevent EOCI flag from generating an MMC interrupt.
Clear to allow EOCI flag to generate an MMC interrupt.
4EOFM
End Of Frame Interrupt Mask Bit
Set to prevent EOFI flag from generating an MMC interrupt.
Clear to allow EOFI flag to generate an MMC interrupt.
3F2FM
FIFO 2 Full Interrupt Mask Bit
Set to prevent F2FI flag from generating an MMC interrupt.
Clear to allow F2FI flag to generate an MMC interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com